Part Number Hot Search : 
AD9381 HRW36 PP80N0 SC658 DATA28 DATA28 45911 DATA28
Product Description
Full Text Search
 

To Download FTM-130-02-H-DV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 max sway (either direction) do not scale from this print no of positions (per row) -02 thru -50 (unshrouded) -05 thru -46 (shrouded) lead style -02: .075 [1.91] post height -03: .065 [1.65] post height plating specification -f: flash selective (use t-1s16-xx-f-2) -l: light selective (use t-1s16-xx-l-2) -h: heavy gold (use t-1s16-xx-h-2) -g: gold (use t-1s16-xx-g-2) -fm: flash gold w/ matte tin tails (use t-1s16-xx-f-2) -lm: light gold w/ matte tin tails (use t-1s16-xx-l-2) option -tr: tape & reel packaging -p: pick and place pad (use ppp-30) (use ppp-30-nt for tape & reel) (available on positions -07 thru -50) (see fig. 4, sht. 3) -s: end shrouds (05 pos. minimum) (see note 8) (see note 9) press fit shrouds: see fig 2 molded shrouds: see fig. 6 -sa: end shrouds w/ alignment pins (see fig. 3, sht. 2) (see note 9) (05 pos. per row minimum, 46 pos. per row maximum) (use ftm-xx-d, use ftmh-75-d-es-xx-x for molded end shrouds) ftm-1xx-xx-xx-dv-xx row option (see table 1) "a" .012 sq (typ) ref 0.30 .038 ref 0.97 patent numbers 5655914 / 5785536 fig. 1 t-1s16-xx-xx-2 1 (see note 1) (no. of pos. x .03937[1.00]) .010[.25] .205 ref 5.21 .125 ref 3.18 - .03937[1.00] ref no. of pos. x .03937[1.00] ftm-xx-d 99 2 100 .040 1.02 (see note 2) .050 - .000 + .005 1.27 0.00 + 0.13 .03937 .00400 1.0000 0.1016 90 3 .004[.10] c1 c2 c3 c4 c7 c8 c15 c5 c1 c6 ftm-1xx-02-x-dv shown -dv: dual verticle sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01 [.3] 3 .xxx: .005 [.13] .xxxx: .0020 [.051] material: 1mm x 1mm low profile smt strip asm by: ftm-1xx-xx-xx-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing b menear 2/13/2006 3 1 sheet scale: 1:0.333333 body: vectra e130 color: black terminal: phos bronze f:\dwg\misc\mktg\ftm-1xx-xx-xx-dv-xx-mkt.slddrw notes: 1. parts may be cut to position; .010 max cut flash 2. shear tails to dimension shown; .003 max burr. 3. note deleted. 4. represents a critical dimension for statistical process control. 5. note deleted. 6. note deleted. 7. positions -02 thru -04 to be layer packaged, and positions -05 thru -50 to be tube packaged. 8. parts with -s option are to appear as shown in fig 2 or fig 6 at samtec's discretion. 9. 4 positions must be added to part call out to allow for push on shrouds. ex: ftm-125-02-l-dv-s requires a 29 position strip. max flash allowed: .002 [.05] max gate vestige allowed: .002 [.05] 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322 revision br
.01200 sq(typ) ref 0.30 (see table 1) "a" ftm-50-d-es-xx x .03937[1.0000]) .010[.025] ({no. of pos. per finished assembly +2} .092 2.33 ref .03937 1.00 .127 ref 3.23 .064 1.63 ref .140 3.56 .158 4.00 ref .115 ref 2.92 x .03937[1.00] .010[0.25] (no. of pos. +4) c16 (no of pos. x .03937[1.0000] + .025[.65] (no of pos. x .03937[1.0000]) + .1575[4.000] ref .127 ref 3.23 .175 4.45 ref .115 2.92 ref .217 5.50 ref .140 3.56 .055 1.40 + .236[6.00]) (no of pos. x .03937[1.0000] x .03937[1.00]) .010[0.25] ((no of pos. + 4) fem-a (no of pos. x .03937[1.0000]) + .025[.65] .2756[7.000] ref (no of pos. x .03937[1.0000]) + .127 ref 3.23 .175 4.45 ref .039 1.00 ref c9 c10 fig. 3 fig. 2 fig. 6 c12 -s option ftm-1xx-02-x-dv-s shown (different as shown, otherwise same as fig. 1) (see note 8) (see note 9) (press fit shrouds to have 8 unused solder tails as shown) -sa shown: press fit shroud ftm-1xx-02-x-dv-sa (different as shown, otherwise same as fig. 1) (see note 9) -s option: molded shroud ftm-1xx-02-x-dv-s shown (different as shown, otherwise same as fig. 1)(see note 8) fem sheet of 1mm x 1mm low profile smt strip asm by: ftm-1xx-xx-xx-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing b menear 2/13/2006 3 2 sheet scale: 2:1 revision br f:\dwg\misc\mktg\ftm-1xx-xx-xx-dv-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322
br br .125 3.18 .200 ref 5.08 (see note) "m" (see note) "p" packaging view .125 ref for tubed 3.18 .190 [4.83] ref for tape & reel pt-1-24-01-49 pt-1-24-01-43 no option -p pt-1-24-13-09 -s, -s-p fig. 4 (different as shown, otherwise same as fig. 1) note: "m" = used measured dimension (ref) "p" = {("m" - .200 [5.08]) / 2} +/-.020 [.51] pt-1-24-13-09 (see note 7) note: only positions -05 thru -50 are to be tubed. positions -02 thru -04 to be layer packaged only. insert plug tp-30 at an angle into pt-1-24-01-49, plug must support the insulator. c13 -sa, -sa-p, sa sheet of 1mm x 1mm low profile smt strip asm by: ftm-1xx-xx-xx-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing b menear 2/13/2006 3 3 sheet scale: 4:1 revision br f:\dwg\misc\mktg\ftm-1xx-xx-xx-dv-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail: info@samtec.com code: 55322


▲Up To Search▲   

 
Price & Availability of FTM-130-02-H-DV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X